Part Number Hot Search : 
1N4703 B2050 3DD130 5367B SMBJ130A GBU25005 UGP7N60 IRL8113
Product Description
Full Text Search
 

To Download SL220-4605 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SL120 and SL220 SERIES
Single output
SL120: For new design-ins see the NFS110 Series instead SL220: For new design-ins see the NFS200 and LX200 Series instead
* * * * *
115/230 VAC input UL, CSA and (VDE approved - SL120 only) Short circuit protection Floating output 20ms hold-up time min.
This series of 100 Watt to 220 Watt single output switchers use an advanced circuit topology providing superior performance at low cost. Smaller and lighter than equivalent linear supplies, they are available in 5V and 24V output versions. The floating outputs can be referenced as either positive or negative. The SL120 model is UL, CSA and VDE approved. Also, selected models incorporate remote sense. SL120/220 Series power supplies are suitable for a wide variety of applications, including front end power systems, general industrial and telecom equipment.
[ 2 YEAR WARRANTY ]
SL120 only
SPECIFICATION
OUTPUT SPECIFICATIONS Output voltage adjustability Line regulation Load regulation
All specifications are typical at nominal input, full load at 25C unless otherwise stated
GENERAL SPECIFICATIONS 4.5V to 5.5V 18V to 26V 0.2% 2.0% 1.0% None Efficiency Isolation voltage SL220 SL220 SL120 SL120 Input/Output Input/Chassis Input/Output Input/Chassis Hold-up Time Low line, full load SL120, 110VAC SL120, 230VAC SL220, 110VAC SL220, 230VAC 36ms 36ms 20ms 20ms 65%, max. 1500VAC 1500VAC 3750VAC 1500VAC
5V Models 24V Models LL to HL, FL 60% FL, 40% SL120 SL220 At turn-on SL120: +5V (12A to 20A)
Overshoot/undershoot Transient response
300mV, 1ms recovery SL220: +5V (10A to 20A) 100mV, 1ms recovery 0.03%/C 0.05%/C 6.25 0.75V 130W min. 260W min. Yes
Approvals and standards Weight MTBF
Safety: SL120 series
VDE0805, EN60950, UL478 CSA bulletin No. 1402C 1.2kg (42.4oz) 2.3kg (81.2oz) 25,000 hours min. 50,000 hours min.
Temperature coefficient SL120, all outputs SL220, all outputs Overvoltage protection Output power limit Short circuit protection INPUT SPECIFICATIONS Input voltage range Input frequency range Maximum input surge current Safety ground leakage current User Selectable 5V output SL120 SL220
SL120 SL220 SL120 SL220
ENVIRONMENTAL SPECIFICATIONS Thermal performance Relative humidity Altitude Operating, See Note 8 0C to +70C Non-operating -40C to +85C Non-condensing Operating Non-operating 5% to 80% RH 10,000 feet max. 30,000 feet max.
85 to 132VAC 170 to 264VAC 47Hz to 440Hz
SL120: 230VAC, cold start SL220: 230VAC, cold start 230VAC Input, 50Hz
22A 74A 0.7mA
PAGE 1
AC/DC POWER SUPPLIES
|
100-220W AC
100 to 220 Watt AC/DC user-selectable input switch mode power supplies
OUTPUT POWER 100W 220W 220W OUTPUT
(1)
OUTPUT
(2)
REGULATION LINE
(4)
(3) (5)
VOLTAGE 5V@20A 5V@44A 24V@9A
ADJ. RANGE 4.5 to 5.5V 4.5 to 5.5V 18 to 26V
LOAD
NOISE PK-PK 1.0% 1.0% 1.0%
MODEL NUMBER SL120-4605 SL220-4605 SL220-4624
(6) (6)
0.2% 0.2% 0.2%
2.0% 1.0% 1.0%
Notes
1 Peak current in excess of the maximum indicated rating may be available on some outputs. However, this will effect output regulation. Consult factory for details. Other output voltage versions available. Consult factory for details. 20% of rated output loading is required to ensure operation within specified regulation limits. Measured from low line to high line at full load. Measured at 60% full load, 40%. The SL220-4605 offers an auxiliary 24V output, rated at 2A on pin 7. The SL220-4624 offers an auxiliary 48V output, rated at 1A on pin 7. Output sense will compensate for up to 3VDC load line drop. The output current limit increases with output voltage. Care must be taken not to exceed the maximum output power capability of the power supply. Derate linearly from rated power at 50C to half rated power at 70C. This product is only for inclusion by professional installers within other equipment and must not be operated as a stand alone product.
Mechanical notes
A Dashed line indicates minimum clearance. B Connect JP1 to either E1 (110V) or E2 (220V) as required.
2 3 4 5 6 7
SL120
2.20 (55.88) KULKA ELECT. 4597A-6-32-02 PIN 1
B
0.156 (3.96) DIA. 4 PLACES E1 (110V)
P1 F1 5A 250V 11.50 (292.1) 11.00 (279.4)
JP1
8 9
E2 (230V)
PIN CONNECTIONS P1 Pin 1 Pin 2 Pin 3 P2 Pin 1 Pin 2 Pin 3 Pin 4 Pin 5 Pin 6 Pin 7 Pin 8 Pin 9 Pin 10 Pin 11 DC Output DC Output DC Output Return Return Return Auxiliary Output N/C N/C +Remote Sense -Remote Sense
(7) (7) (6)
PIN CONNECTIONS P1 Term 1 Term 2 Term 3 P2 Term 1 Term 2 Term 3 Term 4 Term 5 Term 6 Term 7 Term 8 Term 9 DC Output DC Output DC Output Return Return Return N/C +Remote Sense -Remote Sense
(7) (7)
OUTPUT VOLTAGE ADJUSTMENT P2
SL220 AC Live AC Ground AC Neutral
SL120 AC Ground AC Neutral AC Live
A
BEAU. INC. 72-5-09C PIN 1
6-32 SCREW TYP 0.250 (6.35) 4.15 (105.41 4.65 (118.11)
SL220
0.67 (17.02) 230V 110V 6-32 THREADED INSERTS 4 PLACES - 2 MAX. DP. PIN 1
3.50 (88.9)
P1
P2
4.87 (123.70)
1.50 (38.10)
11.50 (292.10) 14.50 0.02 (368.30 0.06) 14.00 (355.6)
6-32 SCREW TYP
0.250 (6.35) 0.187 (4.75) DIA. 4 PLACES
A
3.22 (81.79)
International Safety Standard Approvals: SL120-4605 only
VDE0805/EN60950 File No. 10401-3336-1006, Licence No. 4345 UL478 Reg. File No. E131987 CSA Bulletin No. 1402C, File No. LR41062C
ALL DIMENSIONS IN INCHES (mm)
1.60 2.72 (40.64) 0.87 (69.09) (22.10)
http://www.artesyn.com
PAGE 2


▲Up To Search▲   

 
Price & Availability of SL220-4605

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X